PART |
Description |
Maker |
10A02 10A01 10A07 10A03 10A04 10A05 10A06 |
10 Amp Rectifier 50 to 1000 Volts Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:23; No. Strands x Strand Size:Solid; Jacket Material:FEP; Conductor Material Coaxial Cable; Coaxial RG/U Type:58; Impedance:53.5ohm; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyvinylchloride (PVC); Jacket Color:Black; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:62; Impedance:93ohm; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Material:Thermoplastic; Jacket Color:Natural; Leaded Process Compatible:Yes; Number of Conductors:1 RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:58; Impedance:53.5ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:FEP; Jacket Color:Natural; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:LSPVC; Conductor Material:Copper; Jacket Color:Natural; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components Corp.
|
MC10SX1189 MC10SX1189D ON0811 MC10SX1189-D |
Fibre Channel Coaxial Cable Driver and Loop Resillency Circuit From old datasheet system Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit(光纤通道同轴电缆驱动器和环路弹性电
|
ONSEMI[ON Semiconductor] Motorola, Inc.
|
PE-B159-RD PE-B159-BK PE-B159-BL |
MIN-RG59 PRECISION VIDEO COAXIAL CABLE MINI-RG59 PRECISION VIDEO COAXIAL CABLE
|
Pasternack Enterprises, Inc.
|
M36W108T100ZN5T M36W108T100ZM6T M36W108T120ZM6T M3 |
TV 5C 5#16 PIN RECP Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FEP; Conductor Material:Copper; Jacket Color:Light Blue; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FEP; Jacket Color:Blue; Leaded Process Compatible:Yes; Voltage Nom.:30V RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FEP; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FEP; Conductor Material:Copper; Jacket Color:Black; Leaded Process Compatible:Yes; Number of Conductors:1 RoHS Compliant: Yes TV 6C 6#20 PIN WALL RECP 8兆8,启动块闪存兆位128KB的x8 SRAM的低电压多媒体存储产 Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes 8兆8,启动块闪存兆位128KB的x8 SRAM的低电压多媒体存储产
|
意法半导 STMicroelectronics N.V.
|
M36W108AT120ZM6T M36W108AB100ZM6T M36W108AT100ZM6T |
Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FEP; Leaded Process Compatible:Yes RoHS Compliant: Yes Low-Smoke Zero-Halogen (LSZH) Shipboard Precision Low-Loss Serial Analog & Digital Video Coax Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid RoHS Compliant: Yes 8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product 81兆8,启动块闪存1兆位128KB的x8 SRAM的低电压多媒体存储产
|
意法半导 STMicroelectronics N.V.
|
A29512L-90 A29512L-70 A29512L-55 A29512V-55 A29512 |
Coaxial Cable; Coaxial RG/U Type:174; Impedance:50ohm; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes 64K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory 64K的8位CMOS 5.0伏只,统一部门快闪记忆 Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes 64K的8位CMOS 5.0伏只,统一部门快闪记忆
|
AMIC Technology Corporation AMIC Technology, Corp.
|
10B-2001 |
Military-Grade 10BASE-T interface module Coaxial Cable; Coaxial RG/U Type:8; Impedance:52ohm; Conductor Size AWG:13; No. Strands x Strand Size:7 x 21; Jacket Material:Polyvinylchloride (PVC); Jacket Color:Black; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes
|
Aeroflex Circuit Techno... AEROFLEX[Aeroflex Circuit Technology] Aeroflex Inc.
|
086-11SMRSM |
Coaxial Cable
|
Mini-Circuits
|
141-12SMNB |
Coaxial Cable
|
Mini-Circuits
|
141-24SMNM |
Coaxial Cable
|
Mini-Circuits
|
047-3SMPSM |
Coaxial Cable
|
Mini-Circuits
|